Part Number Hot Search : 
SMBJ45A APTGT5 FCH10U SM5841HS V0DS00 MC1451 74LV393N BGY58
Product Description
Full Text Search
 

To Download ZMDKVG57W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
ZMDKVG57W
3.0x2.5mm SURFACE MOUNT LED LAMP
Features
3.0mmx2.5mm SMT LED, 1.1mm THICKNESS. BI-COLOR,LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg MDK VG (InGaA (InGaA lP) lP) 5 30 185 75 5 30 150 75 Operating Characteristics (TA=25C) Unit V mA mA mW C Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MDK (InGaA lP) 1.95 2.5 10 VG (InGaA lP) 2.1 2.5 10
Unit
V V uA
P
650
574
nm
-40 ~ +85 -40 ~ +85
D
635
570
nm
28
20
nm
C
35
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 158 49
Wavelength nm P
Viewing Angle 2 1/2
ZMDKVG57W
Red Green
InGaAlP InGaAlP
Water Clear
50 18
650 574
120
Published Date : FEB 25 ,2008
Drawing No : SDSA6264
V1
Checked : B.L.LIU
P.1/5
www.SunLED.com
Part Number:
ZMDKVG57W
3.0x2.5mm SURFACE MOUNT LED LAMP
MDK
Published Date : FEB 25 ,2008
Drawing No : SDSA6264
V1
Checked : B.L.LIU
P.2/5
www.SunLED.com
Part Number:
ZMDKVG57W
3.0x2.5mm SURFACE MOUNT LED LAMP
VG
Published Date : FEB 25 ,2008
Drawing No : SDSA6264
V1
Checked : B.L.LIU
P.3/5
www.SunLED.com
Part Number:
ZMDKVG57W
3.0x2.5mm SURFACE MOUNT LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 25 ,2008 Drawing No : SDSA6264 V1 Checked : B.L.LIU P.4/5
www.SunLED.com
Part Number:
ZMDKVG57W
3.0x2.5mm SURFACE MOUNT LED LAMP
PACKING & LABEL SPECIFICATIONS
ZMDKVG57W
Published Date : FEB 25 ,2008
Drawing No : SDSA6264
V1
Checked : B.L.LIU
P.5/5


▲Up To Search▲   

 
Price & Availability of ZMDKVG57W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X